Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 25Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 26Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 27Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 28Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 29Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 30Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 31Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 32Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
29
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
BYTE 31 (DPCD Address 00600h: SET DP Power)
Bit
Type
Power-up Condition
Comment
7
RO
0
SET_POWER_STATE
Bit 2:0
001 = Set local Sink device and all downstream Sink devices to D0 (normal
operation mode).
010 = Set local Sink device and all downstream Sink devices to D3 (power-
down mode).
101 = Set Main-Link for local Sink device and all downstream Sink devices
to D3 (power-down mode), keep AUX block fully powered, ready to reply
within a Response Timeout period of 300us.
All other values are RESERVED.
6
RO
0
5
RO
0
4
RO
0
3
RO
0
2
RO
0
1
RO
0
0
RO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com