Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 35 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 35 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 28Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 29Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 30Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 31Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 32Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 33Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 34Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 35Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 36Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
35
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
D
B
C
Access Hole at
Slot Location (40 mm min Dia)
W3
W2(measured at hub)
W1(measured at hub)
Width=2.5mm Min,
Depth=10.0mm Min
A
TAPE SIZE
A
N (Min) (1)
W1
W2 (Max)
W3
B (Min)
C
D (Min)
8mm
178 ± 2.0mm or
330 ± 2.0mm
60 ± 2.0mm or
100 ± 2.0mm
8.4 +1.5/-0.0mm
14.4mm
Shall Accommodate
Tape Width Without
Interference
1.5mm
13.0 +0.5/-0.2 mm
20.2mm
12mm
12.4 +2.0/-0.0mm
18.4mm
16mm
330 ± 2.0mm
100 ± 2.0mm
16.4 +2.0/-0.0mm
22.4mm
24mm
24.4 +2.0/-0.0mm
30.4mm
32mm
32.4 +2.0/-0.0mm
38.4mm
44mm
44.4 +2.0/-0.0mm
50.4mm
NOTE:
1. If reel diameter A=178 ±2.0mm, then the corresponding hub diameter (N(min) will by 60 ±2.0mm. If reel diameter A=330±2.0mm, then the corresponding hub
diameter (N(min)) will by 100±2.0mm.
Reel Dimensions By Tape Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com