Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet (PDF) - Diodes Incorporated

PI2DPX2020 Datasheet PDF - Diodes Incorporated
Part # PI2DPX2020
Download  PI2DPX2020 Download
File Size   1831.15 Kbytes
Page   39 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch

PI2DPX2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DPX2020 Datasheet PDF - Diodes Incorporated

Part # PI2DPX2020
Download  PI2DPX2020 Click to download

File Size   1831.15 Kbytes
Page   39 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch

PI2DPX2020 Datasheet (HTML) - Diodes Incorporated


PI2DPX2020 Product details

Features
4-to-4 linear ReDriver™ channel configuration with CTLE
gain compensation up to 16dB @20Gbps
Configurable for USB4 Gen 3 (20Gbps single port or dual
port), TBT4 (20.625Gbps single port or dual port), USB4
Gen 2 (10Gbps x1 or x2), 1-port USB4 Gen 3/2-lane DP2.0
(UHBR20/UHBR13, UHBR10), 4-lane DP2.0(UHBR20/
UHBR13/UHBR10)
• Default Hi-Z for high speed channels and SBU pins compliant
to USB-C® Safe State
•
Ultra low latency (< 300ps) for better interoperability and data
throughput
Individual controls on CTLE gain(6 to 16dB @10Ghz), Flat
Gain(-4 to +2dB)
• Integrated AUX channel crossbar switch for side band signal
Type-C connector flip and non-flip plug support
12C Slave support with speed up to 1MHz
Low Power - USB and DisplayPort active U0 (300mW), and
USB Deep Slumber mode U1/U2/U3 (3mW), Modern Standby
(1.8mW)
Single Power Supply: 1.8V +/-5%
• Industrial Temperature Support: -40°C to +85°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200,
PPAP capable, and manufactured in IATF 16949
certified facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
Tiny 32-pin WLGA 2.85mm x 4.5mm (0.4 mm pitch)

Applications
Laptop, Desktop and AIO PCs
Workstation and Server
Docking Station
Display Monitor
Gaming Console
Active Cable




Similar Part No. - PI2DPX2020

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2020A DIODES-PI2DPX2020A Datasheet
401Kb / 2P
1.8V, 13.5Gbps Linear ReDriver withAUX Listener for Full Functionality in USB Type-C® Connectivity
More results


Similar Description - PI2DPX2020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com