Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI2DPX2020 Datasheet HTML 1Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
5
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Pin #
Pin Name
Type Description
Power and GND
6, 14, 22, 30
VDD18
Power 1.8V power supply, ±5%
3, 9, 19, 25, Center
Pad
GND
Ground Supply ground
Control Pins
12
SCL
I
SCL is I2C control bus clock. Open-drain structure.
13
SDA
I/O
SDA is I2C control bus data. Open-drain structure.
15
EN
I
Chip Enable. With internal 300kΩ pull-up resistor.
“Low”: Chip Power Down
“High”: Normal Operation (Default)
16
ADDR
I
The I2C address select. 4-level input pin. With internal 100KΩ pull-up and
200KΩ pull-down resistors.
External Pulldown resistor value is 68KΩ.
High Speed I/O Pins
18,
17
27,
26
CON_RX1N,
CON_RX1P
CON_RX2P,
CON_RX2N
I/O
Type-C receptacle RX/TX Channel CML input/output terminals.
With selectable input termination between 50Ω to internal VbiasRx, 78kΩ to
internal VbiasRx or 78kΩ to GND.
With selectable output termination between 50Ω, 6kΩ to internal VbiasTx or
Hi-Z
AP_TX2P
6
7
8
9
10
11
2
3
4
5
1
12
13
14
15
16
22
21
20
19
18
17
26
25
24
23
27
32
31
30
29
28
AP_TX2N
VDD
AP_RX2P
AP_RX2N
GND
AP_RX1N
AP_RX1P
AP_TX1N
AP_TX1P
CON_RX2P
CON_RX2N
GND
CON_TX2P
CON_TX2N
VDD
CON_TX1N
CON_TX1P
GND
CON_RX1N
CON_RX1P
GND
Pin Configuration (Top-Side View)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com