Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI2DPX2020 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
6
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Pin Description Cont.
Pin #
Pin Name
Type Description
21,
20
24,
23
CON_TX1N,
CON_TX1P
CON_TX2P,
CON_TX2N
O
CML output terminals. With selectable output termination between 50Ω, 6kΩ to
internal VbiasTx or Hi-Z
1,
2
10,
11
AP_TX2P,
AP_TX2N,
AP_TX1N,
AP_TX1P
I/O
Type-C receptacle RX/TX Channel CML input/output terminals.
With selectable input termination between 50Ω to VDD, 78kΩ to internal Vbi-
asRx or 78kΩ to GND.
With selectable output termination between 50Ω, 6kΩ to internal VbiasTx or
Hi-Z
4,
5
7,
8
AP_RX2P,
AP_RX2N
AP_RX1N,
AP_RX1P
I
CML input terminals. With selectable input termination between 50Ω to internal
VbiasRx, 78kΩ to internal VbiasRx or 78kΩ to GND.
Side Band Signal Pins
29, 28
SBU1, SBU2
I/O
Type-C connector SBU signal connections
31, 32
AUXP, AUXN
I/O
DisplayPort AUX CH differential signal connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com