Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI2DPX2020 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
12
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
(Above which useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ..........................–65°C to +150°C
Junction Temperature ................................. +125°C
Supply Voltage to Ground Potential ......... –0.5V to VDD+0.3V
Voltage Input to High Speed Differential Pins ......–0.5V to VDD
Voltage Input to Low Speed Pins (SCL, SDA) ...... –0.5V to +3.3V
Voltage Input to Low Speed Pins
(AUXP/N, SBU1, SBU2) ......................... –0.5V to 3.3V
Voltage Input to Low Speed Pins (EN)....... –0.5V to VDD+0.3V
ESD, HBM.......................................... ±3000V
ESD CDM ...........................................±1000V
Thermal Information
Symbol
Parameter
32-Pin X2QFN Package
Units
Theta JA
Junction to Ambient Thermal Resistance
49.7
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Supply Voltage
1.71
1.8
1.89
V
VDD_Noise
Power Supply Noise Up to 50MHz
—
—
50
mVpp
VRX_CM
Input Source Common-Mode Noise
—
—
150
mVpp
Cac_coupling
System AC Coupling Capacitance
75
—
265
nF
TA
Ambient Temperature
-40(1)
—
+85
oC
Note:
1. The minimum temperature -40oC guaranteed by design
Power Consumption
Symbol
Parameter
Min.
Typ.
Max.
Units
ION_U3_2DP
1-port USB4 Gen 2.0/3.0 & 2-lane DPI 1.4/2.0
160
220
mA
ION_4DP
4-lane DP2.0
160
220
mA
ION_USBx1
1-port USB4 Gen 2.0/3.0 x1
80
110
mA
ION_USBx2
2-port USB Gen 2.0/3.0 x2
160
220
mA
IU1_U2
USB U1/U2 power saving mode ( per channel)
4
6
mA
IU3
USB U3 power saving mode ( per channel)
0.3
0.4
mA
ID3
Display Port D3 power down mode
1
1.6
mA
IRxDet
No connection
250
350
uA
IMStdby
Modern standby mode, all Channels powered down thru I2C
200
300
uA
IENB
Disabled mode ( EN= Low)
8
30
uA
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com