Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI2DPX2020 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
7
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Table 1. Configuration Table
OP_MODE<3:0>
AP_TX2
AP_RX2
AP_RX1
AP_TX1
AUXP
AUXN
Mode
0000
X
X
X
X
X
X
Safe State (Hi-Z)
0001
X
X
X
X
X
X
Safe State (Hi-Z)
0010
CON_RX2
(DP0)
CON_TX2
(DP1)
CON_TX1
(DP2)
CON_RX1
(DP3)
SBU1
SBU2
4-lane DP + AUX
0011
CON_RX2
(DP3)
CON_TX2
(DP2)
CON_TX1
(DP1)
CON_RX1
(DP0)
SBU2
SBU1
4-lane DP + AUX (flipped)
0100
X
X
CON_TX1 CON_RX1
X
X
Single port USB4
0101
CON_RX2 CON_TX2
X
X
X
X
Single port USB4 (flipped)
0110
CON_RX2
(DP0)
CON_TX2
(DP1)
CON_TX1
(USB4)
CON_RX1
(USB4)
SBU1
SBU2
2-lane DP + USB4 + AUX
0111
CON_RX2
(USB4)
CON_TX2
(USB4 )
CON_TX1
(DP1)
CON_RX1
(DP0)
SBU2
SBU1
2-lane DP + USB4 + AUX
(flipped)
1000
CON_RX2
(USB4)
CON_TX2
(USB4)
CON_TX1
(DP1)
CON_RX1
(DP0)
SBU1
SBU2
USB4 + 2-lane DP + AUX
1001
CON_RX2
(DP0)
CON_TX2
(DP1)
CON_TX1
(USB4)
CON_RX1
(USB4)
SBU2
SBU1
USB4 + 2-lane DP +AUX
(flipped)
<1010> ~ <1011>
-
-
-
-
-
-
Reserved
1100
CON_RX2 CON_TX2 CON_TX1 CON_RX1
X
X
Dual-port USB4 or USB3.2
Gen2x2
<1101> ~ <1111>
-
-
-
-
-
-
Reserved
Notes: 1) <0000> default at power on.
I/O Termination Resistance under Different Conditions
Symbol
Parameter
Resistance
Units
RX Terminal
Rin-pd
Input res at EN=0
78k to VbiasRx
Ω
Rin-ch_pd
Input res at channel PD/safe mode (EN=1)
78k to VbiasRx
Ω
Rin-Active
Input res at active mode condition
50 to VbiasRx1
Ω
Rin-Slumber
Input res in slumber mode 1)
50 to VbiasRx1
Ω
Rin-DeepSlumber
Input res in Deep slumber mode 1)
50 to VbiasRx1
Ω
Rin-RxDet
Input res in Unplug mode 1)
78k to VbiasRx2
Ω
Rin-DP-standby
Input res in DP standby mode
78k to VbiasRx
Ω
Rin-DP-active
Input res in DP active mode
50 to VbiasRx1
Ω
Rin-DP-D3
Input res in DP D3 mode
78k to VbiasRx
Ω
TX Terminal
Rout-pd
Output res at EN=0
78k to VbiasTx
Ω
Operation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com