Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI2DPX2020 Datasheet HTML 23Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 24Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 25Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 26Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 27Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 28Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 29Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 30Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
27
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
BYTE 5 (Equalization and Flat Gain Setting of CON0)
Bit
Type
Power-up Condition
Comment
7
R/W
0
Reserved
6
R/W
0
CON0_EQ<2> Equalizer setting
5
R/W
0
CON0_EQ<1> Equalizer setting
4
R/W
0
CON0_EQ<0> Equalizer setting
3
R/W
1
CON0_FG<1> Flat gain setting
2
R/W
0
CON0_FG<0> Flat gain setting
1
R/W
0
Reserved
0
R/W
0
Reserved
BYTE 6 (Equalization and Flat Gain Setting of CON1)
Bit
Type
Power-up Condition
Comment
7
R/W
0
Reserved
6
R/W
0
CON1_EQ<2> Equalizer setting
5
R/W
0
CON1_EQ<1> Equalizer setting
4
R/W
0
CON1_EQ<0> Equalizer setting
3
R/W
1
CON1_FG<1> Flat gain setting
2
R/W
0
CON1_FG<0> Flat gain setting
1
R/W
0
Reserved
0
R/W
0
Reserved
BYTE 7 (Equalization and Flat Gain Setting of CON2)
Bit
Type
Power-up Condition
Comment
7
R/W
0
Reserved
6
R/W
0
CON2_EQ<2> Equalizer setting
5
R/W
0
CON2_EQ<1> Equalizer setting
4
R/W
0
CON2_EQ<0> Equalizer setting
3
R/W
1
CON2_FG<1> Flat gain setting
2
R/W
0
CON2_FG<0> Flat gain setting
1
R/W
0
Reserved
0
R/W
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com