Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI2DPX2020
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI2DPX2020 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 17Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 18Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 19Page - Diodes Incorporated PI2DPX2020 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
16
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Tj TX Total
Jitter
UHBR20(20Gbps) TP2
Measured at Transmit output.
Prechannel loss from 2.5dB
to 13dB
0.45
UI
UHBR13(13.5Gbps) TP2
0.45
UI
UHBR10(10Gbps) TP2
0.38
UI
HBR3 (8.1Gbps)
0.27
UI
HBR2 (5.4Gbps)
0.27
UI
HBR (2.7Gbps)
0.294
UI
RBR (1.62Gbps)
0.18
UI
AUX Channel Crossbar Switch and AUX Listener Electrical Specification
VAUXDC
AUX switch voltage range
0
3.3
V
VAUX-DIFF_
PEAK
AUX switch peak-to-peak voltage
0.29
1.38
V
BW
-3dB bandwidth
100
MHz
Ron
The Resistance of AUX On
VCC = 1.8V; VI = 0 to 0.4V
for AUXp; VI = 2.4V to 3.3V
for AUXn
Tests shall be performed in
both normal and inverted
orientations.
10
Ω
Cin
Input capacitance at SBU1, SBU2,
AUXP or AUXN
10
pF
Ileak
Input leakage current at SBU1,
SBU2, AUXP or AUXN
Measured at Vin(max)=3.3V
15
µA
Ioff
Back current protection limit
When VDD is OFF and input
voltage is 3.3V
10
uA
Ton
AUX switch turn-on time
From USB mode to DP mode
transition
500
µs
Toff
AUX switch turn-off time
From DP mode to USB mode
transition
500
µs
VT(AUX_lis-
tener)
Threshold of the AUX listener
VCC = 1.8V
100
220
mVPPd
Note:
1. Measured using a vector-network analyzer (VNA) with -30dBm power level applied to the adjacent input. The VNA detects the signal at the output of the victim
channel. All other inputs and outputs are terminated with 50Ω.
2. Subtract the channel gain from the total gain to derive the actual crosstalk
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com