Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPT1021 Datasheet (PDF) - Diodes Incorporated

PI2DPT1021 Datasheet PDF - Diodes Incorporated
Part # PI2DPT1021
Download  PI2DPT1021 Download
File Size   1329.23 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply

PI2DPT1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DPT1021 Datasheet PDF - Diodes Incorporated

Part # PI2DPT1021
Download  PI2DPT1021 Click to download

File Size   1329.23 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply

PI2DPT1021 Datasheet (HTML) - Diodes Incorporated


PI2DPT1021 Product details

Features
Compliant for USB 10Gbps / DP1.4 8.1Gbps standard
• DP Alt standard mode support; DP 4-lane, USB 1 lane/DP 2 lane,
USB 2 lane Retimer normal / flip insertion
Support Dual-port USB Jitter cleaning or DP 4-lane Forward/
Backward data flow mode
. -23dB at 5GHz channel loss compensation
• Low Latency < Ins.
• Adaptive Continuous Time Linear Equalizer (CTLE)
• No reference clock design.
• Rx termination detection for power saving control
• Selectable adjustment of 3-taps transmitter.
• Single power supply of 1.8+90mV.
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. "Green" Device (Note 3)
• An automotive-compliant part is available under separate
datasheet (The DIODES™ PI2DPT1021Q)

Application
Source Devices : Tablets, Smart Phones, Notebooks, Desktops,
All-In-One PCs
• Sink Devices: Monitors, TVs
• PC Docking, Active Cables, Dongles (Adapters)




Similar Part No. - PI2DPT1021

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPT1021Q DIODES-PI2DPT1021Q Datasheet
374Kb / 2P
1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves Signal Integrity in Automotive Video Interconnectivity
October 2025
PI2DPT1021Q2XEAEX DIODES-PI2DPT1021Q2XEAEX Datasheet
374Kb / 2P
1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves Signal Integrity in Automotive Video Interconnectivity
October 2025
More results


Similar Description - PI2DPT1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
logo
California Eastern Labs
THCX423R10 CEL-THCX423R10 Datasheet
1Mb / 22P
High Performance Bi-directional Active Switch with Equalizer
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Diodes Incorporated
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com