Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPT1021 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPT1021
Description  DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPT1021 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPT1021 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPT1021
Document Number DS43234 Rev 4-2
www.diodes.com
Features
Application(s)
PI2DPT1021
DP Alt Re
PI2DPT1021
DP Alt Re
DPALT
DPALT
USB3.1 Gen2
USB3.1 Gen2
DP1.4
USB3.1 Gen2
USB3.1 Gen2
DP1.4
DPALT
I2C
DPALT
Type-C PD
Cont
Figure 1-1 DP Alt Type-C Connectors inside PC
PI2DPT1021
Bi-directional Retimer
PD Control Circults
Type-C Connector
Type-C to Type-C Board
Figure 1-2 DP Alt Bi-directional Active Cable
Description
®
Ordering Information
Ordering Number
Package Code
Package Description
b
P
Lead-free Green
USB Type-C® and USB-C® are registered trademarks of USB Implementers Forum.
PI2DPT1021
1
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency,
Aux/SBU Switch with 1.8V Single Power Supply


Similar Part No. - PI2DPT1021

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPT1021Q DIODES-PI2DPT1021Q Datasheet
374Kb / 2P
1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves Signal Integrity in Automotive Video Interconnectivity
October 2025
PI2DPT1021Q2XEAEX DIODES-PI2DPT1021Q2XEAEX Datasheet
374Kb / 2P
1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves Signal Integrity in Automotive Video Interconnectivity
October 2025
More results

Similar Description - PI2DPT1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
logo
California Eastern Labs
THCX423R10 CEL-THCX423R10 Datasheet
1Mb / 22P
High Performance Bi-directional Active Switch with Equalizer
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Diodes Incorporated
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com