Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX1001 Datasheet (PDF) - Diodes Incorporated

PI3EQX1001 Datasheet PDF - Diodes Incorporated
Part # PI3EQX1001
Download  PI3EQX1001 Download
File Size   1462.38 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1-Channel USB3.1 GEN-2 ReDriver

PI3EQX1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX1001 Datasheet PDF - Diodes Incorporated

Part # PI3EQX1001
Download  PI3EQX1001 Click to download

File Size   1462.38 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1-Channel USB3.1 GEN-2 ReDriver

PI3EQX1001 Datasheet (HTML) - Diodes Incorporated


PI3EQX1001 Product details

Features
- 5 & 10Gbps serial link with linear equalizer.
- USB3.1 and USB3.0 Compatible
- Full Compliancy to USB3.1 Super Speed Standard
- Single 10Gbps differential signal pairs
- Pin Adjustable Receiver Equalization
- Pin Adjustable Flat Gain
- 100Ω Differential CML I/O’s
- Automatic Receiver Detect
- Auto "Slumber" mode for adaptive power management
- Single Supply Voltage: 3.3V
- Packaging:
- 18-pin, X2QFN 2x2 mm (XUA18)




Similar Part No. - PI3EQX1001

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQX1002B PERICOM-PI3EQX1002B Datasheet
791Kb / 1P
1-Port USB3.1 GEN-2 ReDriver
logo
Diodes Incorporated
PI3EQX1002B1 DIODES-PI3EQX1002B1 Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
PI3EQX1002B1ZLEX DIODES-PI3EQX1002B1ZLEX Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
PI3EQX1002EZREX DIODES-PI3EQX1002EZREX Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
More results


Similar Description - PI3EQX1001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
Pericom Semiconductor C...
PI3EQX1002B PERICOM-PI3EQX1002B Datasheet
791Kb / 1P
1-Port USB3.1 GEN-2 ReDriver
PI2EQX502E PERICOM-PI2EQX502E Datasheet
610Kb / 1P
1.8V 5.0Gbps, 1-port (2-Channel) USB3.0 ReDriver
logo
Texas Instruments
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
Diodes Incorporated
PI3EQX1002B1 DIODES-PI3EQX1002B1 Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
PI3EQX1004 DIODES-PI3EQX1004 Datasheet
1Mb / 1P
2-Port USB3.1 Gen-2 10Gbps ReDriver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com