Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB1002 Datasheet PDF - Texas Instruments
Part # TUSB1002
Download  TUSB1002 Download
File Size   1047.6 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB3.1 10 Gbps Dual-Channel Linear Redriver

TUSB1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1002 Datasheet PDF - Texas Instruments

Part # TUSB1002
Download  TUSB1002 Click to download

File Size   1047.6 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB3.1 10 Gbps Dual-Channel Linear Redriver

TUSB1002 Datasheet (HTML) - Texas Instruments




Similar Part No. - TUSB1002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002A TI2-TUSB1002A Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
TUSB1002AI TI1-TUSB1002AI Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002AI TI2-TUSB1002AI Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
TUSB1002AIRGER TI1-TUSB1002AIRGER Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
More results


Similar Description - TUSB1002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
logo
Diodes Incorporated
PI3EQX1001 DIODES-PI3EQX1001 Datasheet
1Mb / 10P
1-Channel USB3.1 GEN-2 ReDriver
Rev 1 - 2 November 2017
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com