Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1002 Datasheet HTML 4Page - Texas Instruments TUSB1002 Datasheet HTML 5Page - Texas Instruments TUSB1002 Datasheet HTML 6Page - Texas Instruments TUSB1002 Datasheet HTML 7Page - Texas Instruments TUSB1002 Datasheet HTML 8Page - Texas Instruments TUSB1002 Datasheet HTML 9Page - Texas Instruments TUSB1002 Datasheet HTML 10Page - Texas Instruments TUSB1002 Datasheet HTML 11Page - Texas Instruments TUSB1002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
C(TX-PARASTIC)
TX input capacitance for return loss
At package pin
0.7
pF
C(AC-COUPLING)
External AC Coupling capacitor on
differential pairs.
75
265
nF
(1)
Following pins comprise CFG pins: MODE, CFG1, CFG2, CH1_EQ1, CH1_EQ2, CH2_EQ1, and CH2_EQ2.
(2)
Internal reset is the AND of EN pin and internal Power Good.
6.7 Power-Up Requirements
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
td_pg
Internal Power Good asserted high when VCC
is at 2.5 V
See Figure 2
5
µs
tcfg_su
CFG(1) pins setup before internal Reset(2) high
See Figure 2
0
s
tcfg_hd
CFG(1) pins hold after internal Reset(2) high
See Figure 2
500
µs
tVCC_RAMP
VCC supply ramp requirement
See Figure 2
50
ms
6.8 Timing Requirements
MIN
NOM
MAX
UNIT
SuperSpeed (SS) and SuperSpeedPlus(SSP)
tIDLEEntry
Delay from U0 to electrical idle.
See Figure 1
150
ps
tIDLEExit_U1
U1 exit time: break in electrical idle to the
transmission of LFPS.
See Figure 1
150
ps
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
See Figure 1
2.3
3.75
µs
tDIFF-DLY
Differential propagation delay
150
ps
tPWRUPACTIVE
Time when VCC reach 2.5 V to device
active and performing Rx.Detect.
EN = H
7
ms
6.9 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB3.1 Transmitter Interface (TX1P/N, TX2P/N)
tTX-RISE-FALL
Transmitter rise/fall time
20% to 80% of differential output;
1200mVpp linear range setting
40
ps
tRF-MISMATCH
Transmitter rise/fall mismatch
20% to 80% of differential output;
1200mVpp linear range setting;
1000mVpp VID;
0.01
UI
tTX-DJ
Residual deterministic jitter
@10Gbps; 1200mVpp Linear
Range Setting
0.08
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com