Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1002 Datasheet HTML 12Page - Texas Instruments TUSB1002 Datasheet HTML 13Page - Texas Instruments TUSB1002 Datasheet HTML 14Page - Texas Instruments TUSB1002 Datasheet HTML 15Page - Texas Instruments TUSB1002 Datasheet HTML 16Page - Texas Instruments TUSB1002 Datasheet HTML 17Page - Texas Instruments TUSB1002 Datasheet HTML 18Page - Texas Instruments TUSB1002 Datasheet HTML 19Page - Texas Instruments TUSB1002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.4 Receiver Detect Control
The SLP_S0# pin offers system designers the ability to control the TUSB1002 Rx.Detect functionality during
Disconnect and U2/U3 states and therefore achieving lower consumption in these states. When the system is in
a low power state (Sx where x = 1, 2, 3, 4, or 5), system can assert SLP_S0# low to disable TUSB1002 receiver
detect functionality. While SLP_S0# is asserted low and USB 3.1 interface is in U3, the TUSB1002 keeps
receiver termination active. The TUSB1002 will not respond to any LFPS signaling while in this state. This means
that system wake from U3 is not supported while SLP_S0# is asserted low. If the TUSB1002 is in Disconnect
state when SLP_S0# is asserted low, then TUSB1002 disables both channels receiver termination. When
SLP_S0# is asserted high, the TUSB1002 resumes normal operation of performing far-end receiver termination
detection.
7.3.5 USB3.1 Dual Channel Operation (MODE = “F”)
The TUSB1002 in dual-channel operation waits for far-end terminations on both channels 1 and 2 before
transitioning to fully active state (U0 mode). This mode of operation, defined as MODE pin = ‘F’, is the most
common configuration for USB3.1 Source (DFP) and Sink (UFP) applications.
7.3.6 USB3.1 Single Channel Operation (MODE = “1”)
In some applications, like Type-C USB3.1 active cables, only one of the two channels may be active. For this
application, setting MODE pin = ‘1’, enables single-channel operation. In this mode of operation, the TUSB1002
attempts far-end termination on both channels 1 and 2. The channel which has a far-end termination detected
will be enabled while the remaining channel will be disabled. If far-end termination is detected on both channels,
then TUSB1002 behaves in dual channel operation (both channels enabled).
NOTE
This feature is not available in RMQ package. Pin should be left unconnected for RMQ
package.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The Shutdown mode is entered when EN pin is low and VCC is active and stable. This mode is the lowest power
state of the TUSB1002. While in this mode, the TUSB1002 receiver terminations is disabled.
7.4.2 Disconnect Mode
Next to Shutdown Mode, the Disconnect mode is the lowest power state of the TUSB1002. The TUSB1002
enters this mode when exiting Shutdown mode. In this state, the TUSB1002 periodically checks for far-end
receiver termination on both SSTX1 and SSTX2. Upon detection of the far-end receiver’s termination on both
ports, the TUSB1002 transitions to a fully active mode called U0 mode.
When SLP_S0# is asserted low and the TUSB1002 is in Disconnect mode, the TUSB1002 will remain in
Disconnect mode and never perform far-end receiver detection. This allows even lower TUSB1002 power
consumption while in the Disconnect mode. Once SLP_S0# is asserted high, the TUSB1002 again starts
performing far-end receiver detection so it can know when to exit the Disconnect mode.
7.5 U0 Mode
The U0 mode is the highest power state of the TUSB1002. Anytime high-speed traffic (SuperSpeed or
SuperSpeedPlus) is being received, the TUSB1002 remains in this mode. The TUSB1002 only exits this mode if
electrical idle is detected on both SSRX1 and SSRX2. While in this mode, the TUSB1002 hs speed receivers
and transmitters are powered and active.
7.6 U1 Mode
The U1 mode is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1002’s
receiver termination remains enabled and the TXP/N DC common mode is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com