Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1002 Datasheet HTML 7Page - Texas Instruments TUSB1002 Datasheet HTML 8Page - Texas Instruments TUSB1002 Datasheet HTML 9Page - Texas Instruments TUSB1002 Datasheet HTML 10Page - Texas Instruments TUSB1002 Datasheet HTML 11Page - Texas Instruments TUSB1002 Datasheet HTML 12Page - Texas Instruments TUSB1002 Datasheet HTML 13Page - Texas Instruments TUSB1002 Datasheet HTML 14Page - Texas Instruments TUSB1002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
D013
VID (V)
0
0.5
1
1.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D010
DC0_EQ1_900mV
DC0_EQ1_1000mV
DC0_EQ1_1200mV
Frequency (GHz)
-5
0
5
10
0.01
0.1
1
10
D009
EQ1_DC0_900mV
EQ1_DC1_900mV
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
D012
Frequency (GHz)
-5
0
5
10
15
20
0.01
0.1
1
10
D007
EQ1_DC0_900mV
EQ3_DC0_900mV
EQ5_DC0_900mV
EQ7_DC0_900mV
EQ9_DC0_900mV
EQ11_DC0_900mV
EQ13_DC0_900mV
Frequency (GHz)
-5
0
5
10
15
20
0.01
0.1
1
10
D007
EQ2_DC0_900mV
EQ4_DC0_900mV
EQ6_DC0_900mV
EQ8_DC0_900mV
EQ10_DC0_900mV
EQ12_DC0_900mV
EQ14_DC0_900mV
11
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VCC = 3.3V , 25°C, 200 mVpp VID sine wave, ZO = 100 Ω, RGE package
Figure 9. 900 mV DC0 Gain Odd EQ Settings Curves
Figure 10. 900 mV DC0 Gain Even EQ Settings Curves
Figure 11. 900 mV DC Gain Adjustment Curves
Figure 12. SDD11 Return Loss
Figure 13. SDD22 Return Loss
Figure 14. 5-GHz Sine Wave VID vs VOD Linearity Range
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com