Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1002 Datasheet HTML 15Page - Texas Instruments TUSB1002 Datasheet HTML 16Page - Texas Instruments TUSB1002 Datasheet HTML 17Page - Texas Instruments TUSB1002 Datasheet HTML 18Page - Texas Instruments TUSB1002 Datasheet HTML 19Page - Texas Instruments TUSB1002 Datasheet HTML 20Page - Texas Instruments TUSB1002 Datasheet HTML 21Page - Texas Instruments TUSB1002 Datasheet HTML 22Page - Texas Instruments TUSB1002 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
HOST_TXP
HOST_TXN
HOST_RXP
HOST_RXN
CH2_EQ1
CFG2
CH2_EQ2
HOST_DM
HOST_DP
R2
DNI
C10
100nF
C11
100nF
VCC_3P3V
C9
10uF
TUSB1002
24-PIN RGE
U1
1
MODE
7
RX1N
8
RX1P
9
GND
10
TX2N
11
TX2P
12
RX2P
RX2N
GND
TX1P
TX1N
RSVD1
GND
C2
100nF
C1
100nF
C3
100nF
C5
100nF
C6
100nF
C4
100nF
J1
USB3_TYPEA_CONNECTER
VBUS 1
DM 2
DP 3
GND 4
SSRXN 5
SSRXP 6
GND 7
SSTXN 8
SSTXP 9
SHIELD0 10
SHIELD1 11
R1
1M
C7
100nF
C8
0.001uF
USB_VBUS
VCC_3P3V
CONNECT TO
USB3.1 HOST
VCC_3P3V
CFG1
CH1_EQ2
CH1_EQ1
19
20
21
22
23
24
25
VCC_3P3V
2
3
4
5
6
Copyright © 2016, Texas Instruments Incorporated
19
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The TUSB1002 differential receivers and transmitters have internal BIAS and termination. For this reason, the
TUSB1002 must be connected to the USB3.1 host and receptacle through external A/C coupling capacitors. In
this example as depicted in Table 4, 100 nF capacitors are placed on TX2P/N, RX1P/N, and TX1P/N. No A/C
coupling capacitors are placed on the RX2P/N because it is assumed the device downstream of the TUSB1002
will have A/C coupling capacitor on its transmitter as defined by the USB 3.1 specification.
Figure 18. Host Implementation Schematic
The USB3.1 Dual channel operation is used in this example. Mode pin should be left floating (unconnected)
when using this mode.
In this example, the USB3.1 Host does not support a GPIO for indicating system Sx state or low power states
and therefore the SLP_S0# pin can be left floating.
The TUSB1002 compensates for channel loss in both the upstream (D to C) and downstream direction (A to B).
This is done by configuring the CH1_EQ[2:1] and CH2_EQ[2:1] pins to the equalization setting that matches as
close possible to the channel insertion loss. In this particular example, CH1_EQ[2:1] is for path A to B which is
the channel between USB3.1 host and the TUSB1002, and CH2_EQ[2:1] is for path C to D which is the channel
between TUSB1002 and the USB3.1 receptacle.
The TUSB1002 supports 5 levels of DC gain that are selected by the CFG[2:1] pins. Typically, the DC gain
should be set to 0 dB but may need to be adjusted to correct any one of the following conditions:
1. Input VID too high resulting in VOD being greater than USB 3.1 defined swing. For this case, a negative DC
gain should be used.
2. Input VID too low resulting in VOD being less than USB 3.1 defined swing. For this case, a positive DC gain
should be used.
3. Low frequency discontinuities in the channel resulting in DC component of the signal clipping the vertical eye
mask. For this case, a positive DC gain should be used.
It is assumed in this example the incoming VID is at the nominal defined USB3.1 range and the channel is linear
across frequency. The CFG1 and CFG2 pins can both be left floating if these assumptions are true.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com