Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1000 Datasheet (PDF) - VLSI Solution Oy

VS1000 Datasheet PDF - VLSI Solution Oy
Part # VS1000
Download  VS1000 Download
File Size   3024.17 Kbytes
Page   31 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1000 Audio Module

VS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS1000 Datasheet PDF - VLSI Solution Oy

Part # VS1000
Download  VS1000 Click to download

File Size   3024.17 Kbytes
Page   31 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1000 Audio Module

VS1000 Datasheet (HTML) - VLSI Solution Oy


VS1000 Product details

Features
 Plays audio from microSD card or SPI
Flash
 Uses powerful Ogg Vorbis audio format
 Firmware and content can be customized
 Controlled via UART or IO pins
 Very simple to use, UART is enough to
send commands
 High-performance CD quality analog out
 Supports low bit rates and various sample
rates
 Operates from a single supply (VCC =
3.6...6.0V) (Note: other pins are not 5Vtolerant.
Do not drive other pins over
DVDD!)
 Line output
 Headphone output
 SPI FLASH for code and/or data storage
 MicroSD connector for data storage
 Most internal nodes are routed to pinheaders
for easy access and customization

Description
The VS1000 Module is a small, low-cost, high
performance, easy to use audio player that is
controlled from the IO-pins or UART. It can
be used as a “plug-in” audio board in electronic
systems or as a standalone small audio
player.
The product is supported by design services,
audio content preparation and pre-programming.
It is also fully configurable by the user by using
free Integrated Development Tools (VSIDE)
for the VS1000 IC. The use of the module
does not require any advanced information
from the user.
Pin headers of the PCB are compatible with
DIL32 footprint 2.54 pitch 15.24 mm wide (100
mils pitch, 600 mils wide). This makes it possibe
to use standard DIL32 ZIF sockets or
solder it by using DIL32 footprint.
The left row of the PCB has digital connections
for external buttons, LEDs or other circuitry.
The right row has power connections,
analog connections, a serial port and USB.
These can be used to interface the board with
a PC and VSIDE or a host microcontroller.
The VS1000 Module operates from a single
power supply. The board has 16 Mbits of onboard
FLASH and a microSD card connector
for playing license free Ogg Vorbis audio
files. The module can boot from the on-board
FLASH memory.




Similar Part No. - VS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 30P
VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface
Version: 1.52, 2022-01-11
More results


Similar Description - VS1000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
List of Unclassifed Man...
LPM11162 ETC2-LPM11162 Datasheet
229Kb / 19P
Audio Module
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
Embedded Audio-Sound Module
SOMO-II ETC2-SOMO-II Datasheet
985Kb / 17P
Embedded Audio-Sound Module
WT32I ETC2-WT32I Datasheet
1Mb / 63P
BLUETOOTH AUDIO MODULE
logo
Microchip Technology
RN52 MICROCHIP-RN52 Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
RN52-I MICROCHIP-RN52-I Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
Silicon Laboratories
WT32I SILABS-WT32I Datasheet
2Mb / 63P
WT32i BLUETOOTH AUDIO MODULE
Version 1.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com