Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1000 Datasheet (PDF) - VLSI Solution Oy

VS1000 Datasheet PDF - VLSI Solution Oy
Part # VS1000
Download  VS1000 Download
File Size   2833.37 Kbytes
Page   30 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface

VS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS1000 Datasheet PDF - VLSI Solution Oy

Part # VS1000
Download  VS1000 Click to download

File Size   2833.37 Kbytes
Page   30 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface

VS1000 Datasheet (HTML) - VLSI Solution Oy


VS1000 Product details

Hardware Features
 Low-power operation
 Single input voltage: Internal voltage regulation
for analog, digital, and I/O power
 Operates with a single 12 MHz clock
 Internal PLL clock multiplier
 Power button pin,
software-controlled power-off
 USB Full Speed hardware
 NAND FLASH interface with ECC
 I/O for user interface
 High-quality on-chip stereo DAC with no
phase error between channels
 Stereo earphone driver capable of
driving a 30
load
 Lead-free RoHS-compliant package
(Green)

Firmware Features
 Implements USB Mass Storage Device
and Audio Device
 NAND FLASH handling with error correction,
block remapping, and wear levelling
 Default player application in firmware
– Decodes Ogg Vorbis, sound level
normalization using Replay Gain
– Pause / Play
– Volume control
– Next / Previous Song
– Rewind and Fast Forward
– Random Play
– EarSpeaker Spatial Processing
 Bass and treble controls for customized
player
 NAND FLASH boot for customized player
 SPI FLASH boot for special applications
 UART for debugging and special applications

Description
VS1000 is a single-chip Ogg Vorbis (licensefree
audio codec) player and a system-on-achip
(SoC) for various control and audio applications.
VS1000 contains a high-performance
low-power DSP core VSDSP4, NAND
FLASH interface, Full Speed USB port, general
purpose I/O pins, SPI, UART, as well as a
high-quality variable-sample-rate stereo DAC,
and an earphone amplifier and a common
voltage buffer.
VS1000 firmware implements a default player
that reads and plays files from NAND FLASH.
The player can be customized or replaced by
boot from NAND FLASH or SPI memory.
When connected to USB, the firmware implements
USB Mass Storage Device protocol or
acts as an Audio Device, providing a singlechip
USB headphone application.
EarSpeaker spatial processing provides more
natural sound in headphone listening conditions.
It widens the stereo image and positions
the sound sources outside the listener’s
head.
SPI EEPROM can be used to load code in
applications that do not use NAND FLASH.




Similar Part No. - VS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
VS1000-MOD VLSI-VS1000-MOD Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
More results


Similar Description - VS1000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
USB Controller for NAND Flash
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
USB full speed NAND flash controller
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
logo
VLSI Solution Oy
VS1010DS VLSI-VS1010DS Datasheet
1Mb / 98P
VS1010d - Mp3 Player IC with USB and SD card Interfaces
Version: 0.41, 2022-10-05
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
VS1063DS VLSI-VS1063DS Datasheet
944Kb / 93P
VS1063a / VS1163a / VS8063a MP3/OGG VORBIS ENCODER AND AUDIO CODEC CIRCUIT
Version: 1.31, 2017-10-06
VS8053 VLSI-VS8053 Datasheet
746Kb / 79P
VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT
Version: 1.31, 2017-11-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com