Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS8053 Datasheet (PDF) - VLSI Solution Oy

VS8053 Datasheet PDF - VLSI Solution Oy
Part # VS8053
Download  VS8053 Download
File Size   746.52 Kbytes
Page   79 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT

VS8053 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS8053 Datasheet PDF - VLSI Solution Oy

Part # VS8053
Download  VS8053 Click to download

File Size   746.52 Kbytes
Page   79 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT

VS8053 Datasheet (HTML) - VLSI Solution Oy


VS8053 Product details

Features
 Laser-fused version of VS1053b
 Decodes
Ogg Vorbis;
FLAC with software plugin;
WAV (PCM + IMA ADPCM)
 Encodes Ogg Vorbis w/ software plugin
 Encodes stereo IMA ADPCM / PCM
 Streaming support for WAV
 Unique serial number for user code protection
 EarSpeaker Spatial Processing
 Bass and treble controls
 Operates with a single 12..13MHz clock
 Can also be used with a 24..26MHz clock
 Internal PLL clock multiplier
 Low-power operation
 High-quality on-chip stereo DAC with no
phase error between channels
 Zero-cross detection for smooth volume
change
 Stereo earphone driver capable of driving
a 30
load
 Quiet power-on and power-off
 I2S output interface for external DAC
 Separate voltages for analog, digital, I/
 On-chip RAM for user code and data
 Serial control and data interfaces
 Can be used as a slave co-processor
 SPI flash boot for special applications
 UART for debugging purposes
 New functions may be added with software
and up to 8 GPIO pins
 Lead-free RoHS-compliant package

Description
VS8053b is an audio processor with a high
performance stereo ADC and DAC. Each device
has a factory-programmable unique chip
ID that provides a basis for digital rights management
or unit identification features. VS8053b
supports audio formats that do not require
a license (Ogg Vorbis, PCM, IMA-ADPCM,
FLAC). By using the Ogg Vorbis encoder plugin
the device can be used to build a high performance
and low cost digital audio encoderdecoder
link.
VS8053b contains a high-performance, proprietary
low-power DSP processor core VS_DSP4,
16 KiB instruction RAM and 16 KiB data RAM
for user applications running simultaneously
with built-in decoders, serial control and input
data interfaces, up to 8 general purpose
I/O pins, an UART, as well as a high-quality
variable-sample-rate stereo ADC (mic, line,
line + mic or 2line) and stereo DAC, followed
by an earphone amplifier and a common
voltage buffer.
VS8053b receives its input bitstream through
a serial input bus, which it listens to as a system
slave. The input stream is processed
and passed through a asynchronous sample
rate converter and digital volume control to
an 18-bit oversampling, multi-bit, sigma-delta
DAC.




Similar Part No. - VS8053

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
VS80 COHERENT-VS80 Datasheet
565Kb / 1P
Synology VS80
logo
TE Connectivity Ltd
VS801-11 TEC-VS801-11 Datasheet
210Kb / 6P
VERTICAL LIQUID LEVEL SWITCHES
VS801-11N TEC-VS801-11N Datasheet
210Kb / 6P
VERTICAL LIQUID LEVEL SWITCHES
VS801-12 TEC-VS801-12 Datasheet
210Kb / 6P
VERTICAL LIQUID LEVEL SWITCHES
VS801-12N TEC-VS801-12N Datasheet
210Kb / 6P
VERTICAL LIQUID LEVEL SWITCHES
More results


Similar Description - VS8053

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
AUDIO PROCESSOR with SOUND ENHANCEMENT
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
AUDIO PROCESSOR with BBE
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
AUDIO PROCESSOR with SRS
NJW1146 NJRC-NJW1146 Datasheet
243Kb / 21P
Audio Processor with BBE
NJW1147 NJRC-NJW1147 Datasheet
163Kb / 20P
AUDIO PROCESSOR with BBE ViVA
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 30P
VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface
Version: 1.52, 2022-01-11
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
VS1063DS VLSI-VS1063DS Datasheet
944Kb / 93P
VS1063a / VS1163a / VS8063a MP3/OGG VORBIS ENCODER AND AUDIO CODEC CIRCUIT
Version: 1.31, 2017-10-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com