Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTP17 Datasheet (PDF) - CT Micro International Corporation

CTP17 Datasheet PDF - CT Micro International Corporation
Part # CTP17
Download  CTP17 Download
File Size   1617.96 Kbytes
Page   12 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler

CTP17 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTP17 Datasheet PDF - CT Micro International Corporation

Part # CTP17
Download  CTP17 Click to download

File Size   1617.96 Kbytes
Page   12 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler

CTP17 Datasheet (HTML) - CT Micro International Corporation


CTP17 Product details

Features

 High isolation 2500 VRMS
 Patented coplanar structure DMC-Isolator®
 Various CTR selection available
 DC input with Transistor output
 Operating Temperature range - 55 °C to 125 °C
 Leadless
 RoHS and REACH Compliance
 Halogen Free Compliance
 External creepage distance >2.8mm
 Distances through insulation >0.4mm
 Regulatory Approvals
 UL - UL1577 (E364000)
 VDE - EN60747-5-5

The CTP17 series consists of a photo transistor
optically coupled to a n Infrared emitting diode in a DFN
DMC Isolator® package.

Applications

 Switch mode power supplies
 Computer peripheral interface
 Microprocessor system interface




Similar Part No. - CTP17

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CTP100 AMPHENOL-CTP100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
YAGEO Corporation
CTP10B YAGEO-CTP10B Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10C YAGEO-CTP10C Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10D YAGEO-CTP10D Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10E YAGEO-CTP10E Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
More results


Similar Description - CTP17

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
DC Input 4-Pin Phototransistor Optocoupler
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
CTR214-8L CTMICRO-CTR214-8L Datasheet
1Mb / 13P
8-Pin DMC-Isolator® PhotoMOS Relays
Rev.1 Oct, 2022
CTR214-M4 CTMICRO-CTR214-M4 Datasheet
1Mb / 11P
4-Pin Mini-Flat DMC-Isolator® PhotoMOS Relays
Rev.3 Oct, 2022
CTR215-M4 CTMICRO-CTR215-M4 Datasheet
1Mb / 11P
4-Pin Mini-Flat DMC-Isolator® PhotoMOS Relays
Rev.2 Sep, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com