Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT815 Datasheet (PDF) - CT Micro International Corporation

CT815 Datasheet PDF - CT Micro International Corporation
Part # CT815
Download  CT815 Download
File Size   1519.66 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler

CT815 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT815 Datasheet PDF - CT Micro International Corporation

Part # CT815
Download  CT815 Click to download

File Size   1519.66 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler

CT815 Datasheet (HTML) - CT Micro International Corporation


CT815 Product details

Features
 High isolation 5000 VRMS
 Patented coplanar structure DMC-Isolator®
 DC input with Darlington output
 Operating Temperature range - 55 °C to 110 °C
 External creepage distance ≥ 7.4mm
 Distance Through Isolation ≥ 0.4mm
 Clearance Distance ≥ 7.5mm (S/SL Type)
 Clearance Distance ≥ 8.0mm (M/SLM Type)
 RoHS and REACH Compliance

Applications
 Power supply regulators
 Digital logic outputs
 Microprocessor inputs

Description
The CT815 series consists of a photo darlington
tr ansistor optically coupled to a n Infrared emitting
diode in a 4 lead DIP DMC Isolator ® package with
different lead forming options.
 Halogen Free Compliance
 Regulatory Approvals
 UL - UL1577 (E364000)
 VDE - EN60747-5-5(VDE0884-5)
 CQC – GB4943.1, GB8898
 IEC60065, IEC60950




Similar Part No. - CT815

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT8124-T52 CTMICRO-CT8124-T52 Datasheet
837Kb / 11P
N-Channel Enhancement MOSFET
CT814 CTMICRO-CT814 Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814-G CTMICRO-CT814-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814A CTMICRO-CT814A Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814A-G CTMICRO-CT814A-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
More results


Similar Description - CT815

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B815 FAIRCHILD-H11B815 Datasheet
492Kb / 9P
4-PIN PHOTODARLINGTON OPTOCOUPLER
H11B815300W FAIRCHILD-H11B815300W Datasheet
481Kb / 9P
4-Pin Photodarlington Optocoupler
logo
List of Unclassifed Man...
Q817X ETC1-Q817X Datasheet
877Kb / 15P
4-PIN DC INPUT OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
DC Input 6-Pin Photodarlington Optocoupler
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT852 CTMICRO-CT852 Datasheet
1Mb / 14P
4-Pin High Power Photodarlington Optocoupler
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
CTP17 CTMICRO-CTP17 Datasheet
1Mb / 12P
DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler
Rev.2 Aug, 2022
logo
QT-Brightek Corp.
Q817 QTB-Q817 Datasheet
1Mb / 19P
4-PIN DC Input Optocoupler
Version 2.0 March 09, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com