Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT815 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT815
Description  DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT815 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT815 Datasheet HTML 1Page - CT Micro International Corporation CT815 Datasheet HTML 2Page - CT Micro International Corporation CT815 Datasheet HTML 3Page - CT Micro International Corporation CT815 Datasheet HTML 4Page - CT Micro International Corporation CT815 Datasheet HTML 5Page - CT Micro International Corporation CT815 Datasheet HTML 6Page - CT Micro International Corporation CT815 Datasheet HTML 7Page - CT Micro International Corporation CT815 Datasheet HTML 8Page - CT Micro International Corporation CT815 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.4
ALL RIGHTS RESERVED.
Page 1
Aug, 2022
CT815 Series
DC Input 4-Pin DMC-Isolator®
Photodarlington Optocoupler
Features
High isolation 5000 VRMS
Patented coplanar structure DMC-Isolator®
DC input with Darlington output
Operating Temperature range - 55 °C to 110 °C
External creepage distance
≥ 7.4mm
Distance Through Isolation
≥ 0.4mm
Clearance Distance
≥ 7.5mm (S/SL Type)
Clearance Distance
≥ 8.0mm (M/SLM Type)
RoHS and REACH Compliance
Halogen Free Compliance
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC
– GB4943.1, GB8898
IEC60065, IEC60950
Description
The CT815 series consists of a photodarlington
transistor optically coupled to an Infrared-emitting
diode in a 4-lead DIP DMC-Isolator® package with
different lead forming options.
Applications
Power supply regulators
Digital logic outputs
Microprocessor inputs
Package Outline
Schematic
Note: Different lead forming options available. See package dimension.


Similar Part No. - CT815

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT8124-T52 CTMICRO-CT8124-T52 Datasheet
837Kb / 11P
N-Channel Enhancement MOSFET
CT814 CTMICRO-CT814 Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814-G CTMICRO-CT814-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814A CTMICRO-CT814A Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814A-G CTMICRO-CT814A-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
More results

Similar Description - CT815

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B815 FAIRCHILD-H11B815 Datasheet
492Kb / 9P
4-PIN PHOTODARLINGTON OPTOCOUPLER
H11B815300W FAIRCHILD-H11B815300W Datasheet
481Kb / 9P
4-Pin Photodarlington Optocoupler
logo
List of Unclassifed Man...
Q817X ETC1-Q817X Datasheet
877Kb / 15P
4-PIN DC INPUT OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
DC Input 6-Pin Photodarlington Optocoupler
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT852 CTMICRO-CT852 Datasheet
1Mb / 14P
4-Pin High Power Photodarlington Optocoupler
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
CTP17 CTMICRO-CTP17 Datasheet
1Mb / 12P
DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler
Rev.2 Aug, 2022
logo
QT-Brightek Corp.
Q817 QTB-Q817 Datasheet
1Mb / 19P
4-PIN DC Input Optocoupler
Version 2.0 March 09, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com