Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS480 Datasheet (PDF) - CT Micro International Corporation

CTS480 Datasheet PDF - CT Micro International Corporation
Part # CTS480
Download  CTS480 Download
File Size   1443.18 Kbytes
Page   15 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description High CMR Intelligent Power Module and Gate Drive Interface Optocoupler

CTS480 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS480 Datasheet PDF - CT Micro International Corporation

Part # CTS480
Download  CTS480 Click to download

File Size   1443.18 Kbytes
Page   15 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description High CMR Intelligent Power Module and Gate Drive Interface Optocoupler

CTS480 Datasheet (HTML) - CT Micro International Corporation


CTS480 Product details

Features

 Wide operating temperature range: –40°C to 100°C
 Operating Temperature range: 4.5V to 30V
 Threshold Input Current: IFLH = 5 mA (max)
 Common mode transient immunity : ±10kV/μs (min)
 RoHS and REACH Compliance
 Halogen Free Compliance
 MSL class 1
 Regulatory Approvals
 UL - UL1577 (E364000)
 VDE - EN60747-5-5(VDE0884-5)
 CQC – GB4943.1, GB8898(14001104999)
 IEC62368 (FI/41119)

Description

The CTS480 con tains AlGaAs LED and optical detector
w ith power output stage and Schmitt trigger circuit
application. The totem p ole output eliminates the need
for a pu ll up resistor and allows for a direct drive
Intelligent Power Module or gate drive. Propagation delay difference between devices has been minimized to maximize inverter efficiency through reduced switching dead time.

Applications

 IPM interface isolation
 Isolated IGBT/Power MOSFET gate drive
 Industrial Inverter
 AC brushless and DC motor driver




Similar Part No. - CTS480

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS452 CTMICRO-CTS452 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T1 CTMICRO-CTS452T1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T2 CTMICRO-CTS452T2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT1 CTMICRO-CTS452VT1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT2 CTMICRO-CTS452VT2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
More results


Similar Description - CTS480

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com