Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS452T2 Datasheet (PDF) - CT Micro International Corporation

CTS452T2 Datasheet PDF - CT Micro International Corporation
Part # CTS452T2
Download  CTS452T2 Download
File Size   1029.52 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description SDIP-6 1 Mbit/s High Speed Transistor Coupler

CTS452T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS452T2 Datasheet PDF - CT Micro International Corporation

Part # CTS452T2
Download  CTS452T2 Click to download

File Size   1029.52 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description SDIP-6 1 Mbit/s High Speed Transistor Coupler

CTS452T2 Datasheet (HTML) - CT Micro International Corporation


CTS452T2 Product details

Description
The CTS452 and CTS453 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor. The devices are packaged in a SDIP-6 package .

Features
• High speed 1Mbit/s
• High isolation voltage between input and output
   (Viso=5000 Vrms )
• Guaranteed CTR performance from 0°C to 70°C
• Wide operating temperature range of -55°C to
   100°C
• Green Package
• Regulatory Approvals
   ■ UL - UL1577 (E364000)
   ■ VDE - EN60747-5-5(VDE0884-5)
   ■ CQC – GB4943.1, GB8898
   ■ IEC60065, IEC60950

Applications
• Line receivers
• Telecommunication equipment
• Feedback loop in switch-mode power supplies
• Home appliances
• High speed logic ground isolation




Similar Part No. - CTS452T2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTS4669 FILTRAN-CTS4669 Datasheet
21Kb / 1P
ISDN S-BUS Common Mode Inductor
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Central Technologies
CTS4F CT-CTS4F Datasheet
168Kb / 1P
Shielded Inductors - Axial
CTS4F-100J CT-CTS4F-100J Datasheet
168Kb / 1P
Shielded Inductors - Axial
CTS4F-100K CT-CTS4F-100K Datasheet
168Kb / 1P
Shielded Inductors - Axial
More results


Similar Description - CTS452T2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N137 MARKTECH-6N137 Datasheet
144Kb / 4P
HIGH SPEED COUPLER?
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
HIGH SPEED 6 PIN PHOTO COUPLER
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
09-Mar-12
logo
Fairchild Semiconductor
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
CT Micro International ...
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Guangdong Youtai Semico...
6N138 UMW-6N138 Datasheet
1Mb / 11P
Darlington High Speed Transistor Photo Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com