Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF4056A Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF4056A Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF4056A
Download  TF4056A Download
File Size   4181.7 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description 1A Linear Li-Ion Battery Charger

TF4056A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF4056A Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF4056A
Download  TF4056A Click to download

File Size   4181.7 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description 1A Linear Li-Ion Battery Charger

TF4056A Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF4056A Product details

characteristic

◆Programmable charging current 1000mA
◆No need for external MOSFETs, sense resistors and blocking diodes
◆Complete Linear Charger in ESOP8 Package for Single Cell Lithium Batteries
◆Constant current/constant voltage operation with thermal regulation to maximize charge rate without risk of overheating
◆4.2V Precharge Voltage Accurate to ±1%
◆Charge current monitor output for battery charge detection
◆automatic recharge
◆Charge status dual output, no battery and fault status display
◆C/10 charge termination
◆Quiescent current in standby mode is 35uA
◆2.9V trickle chargeBattery
◆Battery temperature monitoring
◆Soft Start Limits Inrush Current
◆BAT input anti-reverse connection protection
◆Can be activated by 0V

Scope of application

◆Mobile phones, PDA
◆MP3, MP4 player
◆charger
◆digital camera
◆E-dictionary
◆Bluetooth, GPS navigator
◆portable device




Similar Part No. - TF4056A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
TF4057 TUOFENG-TF4057 Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Apr,2020 V1.4
More results


Similar Description - TF4056A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com