Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3683 Datasheet (PDF) - Advanced Analogic Technologies

AAT3683 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3683
Download  AAT3683 Download
File Size   595.59 Kbytes
Page   24 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1A Linear Li-Ion Battery Charger

AAT3683 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3683 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3683
Download  AAT3683 Click to download

File Size   595.59 Kbytes
Page   24 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1A Linear Li-Ion Battery Charger

AAT3683 Datasheet (HTML) - Advanced Analogic Technologies


AAT3683 Product details

General Description
The AAT3683 BatteryManager is a highly integrated single-cell lithium-ion / polymer (Li-Ion) battery charger that operates from a USB port or an AC adapter input up to an input voltage of 7.5V.
The AAT3683 precisely regulates battery charge voltage and current for 4.2V Li-Ion battery cells. The battery charging current can be set by an external resistor up to 1A.

Features
• USB or AC Adapter Input
• Programmable from 100mA to 1A
• 4.0V to 7.5V Input Voltage Range
• High Level of Integration with Internal:
    ▪ Charging Device
    ▪ Reverse Blocking Diode
    ▪ Current Sensing
• Digital Thermal Regulation
• Charge Current Programming (ISET)
• Charge Termination Current Programming (TERM)
• Charge Timer (CT)
• Battery Temperature Sensing (TS)
• TS Pin Open Detection
• Automatic Recharge Sequencing
• Automatic Trickle Charge for Battery Pre-Conditioning (no trickle charge option available)
• Full Battery Charge Auto Turn-Off / Sleep Mode / Charge Termination
• 1μA Max. Shutdown Current
• Over-Voltage and Over-Current Protection
• Emergency Thermal Protection
• Power On Reset and Soft Start
• 2.2x2.2mm STDFN-10 (AAT3863-2 and -3) and QFN33-16 (AAT3683-4) Packages

Applications
• Bluetooth Headsets, Headphones, Accessories
• Cellular Phones
• Digital Still Cameras
• MP3, Portable Music, and Portable Media Players
• Personal Data Assistants (PDAs) and Handheld Computers
• Other Li-Ion Battery-Powered Devices




Similar Part No. - AAT3683

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
April 25, 2012
logo
Advanced Analogic Techn...
AAT3683-2 ANALOGICTECH-AAT3683-2 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
AAT3683-3 ANALOGICTECH-AAT3683-3 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
AAT3683-4 ANALOGICTECH-AAT3683-4 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
More results


Similar Description - AAT3683

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com