Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4208 Datasheet (PDF) - Vishay Siliconix

IL4208 Datasheet PDF - Vishay Siliconix
Part # IL4208
Download  IL4208 Download
File Size   197.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL4208 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4208 Datasheet PDF - Vishay Siliconix

Part # IL4208
Download  IL4208 Click to download

File Size   197.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL4208 Datasheet (HTML) - Vishay Siliconix


IL4208 Product details

DESCRIPTION
The IL420 and IL4208 consists of an optically coupled GaAs
IRLED to a photosensitive thyristor system with integrated
noise suppression and non-zero crossing functionality. The
thyristor system enables low trigger currents of 1 mA and
features a dV/dt ratio of greater than 10 kV/μs and load
voltages up to 800 V.
The IL420 and IL4208 are a perfect microcontroller friendly
solution to isolate low-voltage logic from high voltage
120 VAC, 240 VAC, and 380 VAC lines and to control resistive,
inductive, or capacitive AC loads like motors, solenoids,
high power thyristors, or TRIACs and solid-state relays.

FEATURES
• Low trigger current IFT = 1 mA (typ.)
• ITRMS = 300 mA
• High static dV/dt ≥ 10 000 V/μs
• Load voltage up to 800 V
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Solid state relays
• Industrial controls
• Office equipment
• Consumer appliances

AGENCY APPROVALS
• UL / cUL 1577
• CSA
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO




Similar Part No. - IL4208

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL4208 SIEMENS-IL4208 Datasheet
27Kb / 2P
800 V TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL4208 VISHAY-IL4208 Datasheet
271Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
26-Apr-04
IL4208 VISHAY-IL4208 Datasheet
164Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
18-Jan-08
IL4208 VISHAY-IL4208 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
IL4208 VISHAY-IL4208 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
More results


Similar Description - IL4208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
26-Apr-04
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
30-Aug-06
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
03-Nov-08
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
13-Apr-12
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
15-Nov-2021
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
19-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com