Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC518129CPL Datasheet (PDF) - Toshiba Semiconductor

TC518129CPL Datasheet PDF - Toshiba Semiconductor
Part # TC518129CPL
Download  TC518129CPL Download
File Size   273.0 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM

TC518129CPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518129CPL Datasheet PDF - Toshiba Semiconductor

Part # TC518129CPL
Download  TC518129CPL Click to download

File Size   273.0 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM

TC518129CPL Datasheet (HTML) - Toshiba Semiconductor


TC518129CPL Product details

DESCRIPTION
The TC518129CPL/CFL/CFWL/CFTL is a 1,048,578-bit CMOS pseudo static random access memory (PSRAM)
organized as 131,072 words by 8 bits. It feature a one-transistor dynamic memory cell using CMOS peripheral
circuitry to provide large capacity, high speed and low power. It uses a single 5 V ± 10% power supply. A
RFSH input selects either auto or self refresh operation. This device family also features SRAM-like write
functions whereby data is written to the memory cell rising edge of R/W signal, for easy interfacing to
microprocessors. The CE2 pin of the TC518128C family is replaced by the CS pin in this device family for
standby mode operation. The TC518129CPL/CFL/CFWL/CFTL is available in molded 32-pin standard 0.6-
inch dual-inline plastic packages (DIP) and 0.525-inch small-outline plastic packages (SOP), and thin small-
outline plastic package (TSOP).

FEATURES
Organized
(1,048,576
as 131,072 words by 8 bits
bits).
Fast access time and low power dissipation.
• Single power supply voltage of 5 V ± 10%.
TC518129C Family
tCEA CE Access Time
TOFA OE Access Time
tec Cycle Time
Power Dissipation
Self Refresh Current
-70
70 ns
25 ns
115 ns
385 mW
-80
-10
100 ns
40 ns
160 ns
80 ns
30 ns
130 ns
330 mW | 275 mW
100A (L version)
50 μA (LL version)
Internal counter can be used for auto and self refresh
operations.
Internal timer can be used for self refresh operation.
Auto refresh power down function.
512 refresh cycles per 8 ms.
All inputs and outputs are TTL compatible.
● Pin compatible with 1M SRAM (JEDEC).
Logic compatible with SRAM R/W pin.
Packages:
DIP32-P-600-2.54
SOP32-P-525-1.27
(CPL)
(CFWL)
(Weight: 4.45 g typ)
(Weight: 1.04 g typ)
TSOP I 32-P-0820-0.50 (CFTL) (Weight: 0.32 g typ)




Similar Part No. - TC518129CPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518129AF TOSHIBA-TC518129AF Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AF-10 TOSHIBA-TC518129AF-10 Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AF-12 TOSHIBA-TC518129AF-12 Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AF-80 TOSHIBA-TC518129AF-80 Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AFL TOSHIBA-TC518129AFL Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518129CPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com