Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC518129BPL Datasheet (PDF) - Toshiba Semiconductor

TC518129BPL Datasheet PDF - Toshiba Semiconductor
Part # TC518129BPL
Download  TC518129BPL Download
File Size   548.07 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129BPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518129BPL Datasheet PDF - Toshiba Semiconductor

Part # TC518129BPL
Download  TC518129BPL Click to download

File Size   548.07 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129BPL Datasheet (HTML) - Toshiba Semiconductor


TC518129BPL Product details

Description
The TC518129B is a 1M bit high speed CMOS pseudo static RAM organized as 131,072 words by 8 bits. The TC518129B utilizes
a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power storage. The
TC518129B operates from a single 5V power supply. Refreshing is supported by a refresh (RFSH) input which enables two types of
refreshing - auto refresh and self refresh. The TC518129B features a static RAM-like interface with a write cycle in which the input
data is written into the memory cell at the rising edge of RWW thus simplifying the microprocessor interface.
A CS standby mode interface is incorporated in the TC5181298 family, with the CE2 pin in the TC518128B family changed to a
CS pin. The TC5181298 is available in a 32-pin, 0.6 inch and 0.3 inch width plastic DIP, a small outline plastic flat package, and a 32-
pin thin small outline plastic package (forward type).

Features
Organization: 131,072 words x 8 bits
Single 5V power supply
• Fast access time
ICEA CE Access Time
TOEA OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current
TC5181298 Family
-70
-80
70ns
80ns
25ns
30ns
115ns
130ns
385mW 330mW
- TC518129BPL
- TC518129BFL
- TC518129BSPL
TC518129BFWL
TC518129BFTL.
200μA (L version)
50μA (LL version)
Auto refresh is supported by an internal refresh address
counter
• Self refresh is supported by an internal timer
• Inputs and outputs TTL compatible
• Refresh: 512 refresh cycles/8ms
• Auto refresh power down feature
• Package
-10
100ns
40ns
160ns
275mW
: DIP32-P-600
: SOP32-P-450
: DIP32-P-300
: SOP32-P-525
: TSOP32-P-0820




Similar Part No. - TC518129BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518129BPL TOSHIBA-TC518129BPL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-10V TOSHIBA-TC518129BPL-10V Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-70V TOSHIBA-TC518129BPL-70V Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-80V TOSHIBA-TC518129BPL-80V Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518129BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com