Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC518129BPL Datasheet (PDF) - Toshiba Semiconductor

TC518129BPL Datasheet PDF - Toshiba Semiconductor
Part # TC518129BPL
Download  TC518129BPL Download
File Size   477.27 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129BPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518129BPL Datasheet PDF - Toshiba Semiconductor

Part # TC518129BPL
Download  TC518129BPL Click to download

File Size   477.27 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129BPL Datasheet (HTML) - Toshiba Semiconductor


TC518129BPL Product details

Description
The TC518129B-V is a 1M bit high speed CMOS pseudo static RAM organized as 131,072 words by 8 bits. The TC518129B-V
utilizes a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power
storage. The TC518129B-V operates from a single power supply of 2.7-5.5V. Refreshing is supported by a refresh (RFSH) input
which enables two types of refreshing - auto refresh and self refresh. The TC518129B-V features a static RAM-like interface with a
write cycle in which the input data is written into the memory cell at the rising edge of R/W thus simplifying the microprocessor
interface.
A CS standby mode interface is incorporated in the TC518129B-V family, with the CE2 pin in the TC518128B-V family changed
to a CS pin. The TC518129B-V is available in a 32-pin, 0.6 inch width plastic DIP, a small outline plastic flat package, and a 32-pin thin
small outline plastic package (forward type).

Features
•
Organization:
• Low voltage operation:
• Data retention supply voltage:
• Fast access time
ICEA CE Access Time
TOEA OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current
5.5V
3.0V
131,072 words x 8 bits
2.7V-5.5V
2.7V - 5.5V
TC518129B-V Family
-70
70ns
25ns
115ns
385mW
-80
80ns
30ns
130ns
330mW
50μA
25μA
Auto refresh is supported by an internal refresh address
counter
Self refresh is supported by an internal timer
Inputs and outputs TTL compatible
Refresh: 512 refresh cycles/8ms
• Auto refresh power down feature
Package
- TC518129BPL-V: DIP32-P-600
- TC518129BFL-V: SOP32-P-450
- TC518129BFWL-V: SOP32-P-525
- TC518129BFTL-V: TSOP32-P-0820
-10
100ns
40ns
160ns
275mW




Similar Part No. - TC518129BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-10 TOSHIBA-TC518129BPL-10 Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-10L TOSHIBA-TC518129BPL-10L Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-70 TOSHIBA-TC518129BPL-70 Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL-70L TOSHIBA-TC518129BPL-70L Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518129BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com