Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8101 Datasheet (PDF) - Toshiba Semiconductor

TPCF8101 Datasheet PDF - Toshiba Semiconductor
Part # TPCF8101
Download  TPCF8101 Download
File Size   187.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)

TPCF8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCF8101 Datasheet PDF - Toshiba Semiconductor

Part # TPCF8101
Download  TPCF8101 Click to download

File Size   187.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)

TPCF8101 Datasheet (HTML) - Toshiba Semiconductor


TPCF8101 Product details

Notebook PC Applications
Portable Equipment Applications

• Low drain-source ON resistance: RDS (ON) = 22 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 14 S (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −12 V)
• Enhancement model: Vth = −0.5 to −1.2 V
                                     (VDS = −10 V, ID = −200 μA)




Similar Part No. - TPCF8101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8101 TOSHIBA-TPCF8101 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Similar Description - TPCF8101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
18-Aug-2003
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
01-Jul-2004
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
16-Nov-2006
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
17-Nov-2006
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com