Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK1C1102 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMK1C1102 Datasheet PDF - Texas Instruments
Part # LMK1C1102
Download  LMK1C1102 Download
File Size   1445.5 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family

LMK1C1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK1C1102 Datasheet PDF - Texas Instruments

Part # LMK1C1102
Download  LMK1C1102 Click to download

File Size   1445.5 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family

LMK1C1102 Datasheet (HTML) - Texas Instruments


LMK1C1102 Product details

Description
The LMK1C110x is a modular, high-performance, lowskew,
general-purpose clock buffer family from Texas
Instruments. The entire family is designed with a
modular approach in mind. Three different fan-out
variations, 1:2, 1:3, 1:4, are available.
All of the devices within this family are pin-compatible
to each other and backwards compatible to the
CDCLVC110x family for easy handling.
All family members share the same high performing
characteristics such as low additive jitter, low skew,
and wide operating temperature range.
The LMK1C110x supports a synchronous output
enable control (1G) which switches the outputs into
a low state when 1G is low. These devices have a
fail-safe input that prevents oscillation at the outputs
in the absence of an input signal and allows for input
signals before VDD is supplied.
The LMK1C110x family operates in a 1.8-V, 2.5-V and
3.3-V environment and are characterized for operation
from –40°C to 125°C.

Features
• High-performance 1:2, 1:3 or 1:4 LVCMOS clock
buffer
• Very low output skew < 50 ps
• Extremely low additive jitter < 50 fs maximum
– 7.5 fs typical at VDD = 3.3 V
– 10 fs typical at VDD = 2.5 V
– 19.2 fs typical at VDD = 1.8 V
• Very low propagation delay < 3 ns
• Synchronous output enable
• Supply voltage: 3.3 V, 2.5 V, or 1.8 V
– 3.3-V tolerant input at all supply voltages
– Fail-safe inputs
• fmax = 250 MHz for 3.3 V
fmax = 200 MHz for 2.5 V and 1.8 V
• Operating temperature range: –40°C to 125°C
• Available in 8-pin TSSOP package
• Available in 8-pin WSON package

2 Applications
• Factory automation & control
• Telecommunications equipment
• Data center & enterprise computing
• Grid infrastructure
• Motor drives
• Medical imaging




Similar Part No. - LMK1C1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI2-LMK1C1102 Datasheet
1Mb / 35P
LMK1C110xA 1.8V, 2.5V, and 3.3V Low Noise Asynchronous LVCMOS Clock Buffer Family
MAY 2025
LMK1C1102 TI2-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1102 TI2-LMK1C1102 Datasheet
1Mb / 30P
LMK1C110x-Q1 1.8V, 2.5V, and 3.3V Low Noise LVCMOS Clock Buffer Family
MARCH 2026
More results


Similar Description - LMK1C1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com