Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9456 Datasheet (PDF) - Renesas Technology Corp

MPC9456 Datasheet PDF - Renesas Technology Corp
Part # MPC9456
Download  MPC9456 Download
File Size   451.53 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 V and 3.3 V LVCMOS Clock Fanout Buffer

MPC9456 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9456 Datasheet PDF - Renesas Technology Corp

Part # MPC9456
Download  MPC9456 Click to download

File Size   451.53 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 V and 3.3 V LVCMOS Clock Fanout Buffer

MPC9456 Datasheet (HTML) - Renesas Technology Corp


MPC9456 Product details

The MPC9456 is a 2.5 V and 3.3 V compatible 1:10 clock distribution buffer
designed for low-voltage mid-range to high-performance telecom, networking
and computing applications. Both 3.3 V, 2.5 V and dual supply voltages are
supported for mixed-voltage applications. The MPC9456 offers 10 low-skew
outputs and a differential LVPECL clock input. The outputs are configurable and
support 1:1 and 1:2 output to input frequency ratios. The MPC9456 is specified
for the extended temperature range of –40 to 85C.
Features
• Configurable 10 outputs LVCMOS clock distribution buffer
• Compatible to single, dual and mixed 3.3 V/2.5 V voltage supply
• Wide range output clock frequency up to 250 MHz
• Designed for mid-range to high-performance telecom, networking and
computer applications
• Supports high-performance differential clocking applications
• Maximum output skew of 200 ps (150 ps within one bank)
• Selectable output configurations per output bank
• Tristable outputs
• 32-lead LQFP package, Pb-free
• Ambient operating temperature range of –40 to 85C
• For functional replacement use 87946AYI-147




Similar Part No. - MPC9456

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9456FA FREESCALE-MPC9456FA Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Similar Description - MPC9456

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com