Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9448 Datasheet (PDF) - Renesas Technology Corp

MPC9448 Datasheet PDF - Renesas Technology Corp
Part # MPC9448
Download  MPC9448 Download
File Size   393.5 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer

MPC9448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9448 Datasheet PDF - Renesas Technology Corp

Part # MPC9448
Download  MPC9448 Click to download

File Size   393.5 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer

MPC9448 Datasheet (HTML) - Renesas Technology Corp


MPC9448 Product details

The Freescale Semiconductor, Inc. MPC9448 is a 3.3 V or 2.5 V compatible,
1:12 clock fanout buffer targeted for high performance clock tree applications.
With output frequencies up to 350 MHz and output skews less than 150 ps, the
device meets the needs of most demanding clock applications.
Features
• 12 LVCMOS compatible clock outputs
• Selectable LVCMOS and differential LVPECL compatible clock inputs
• Maximum clock frequency of 350 MHz
• Maximum clock skew of 150 ps
• Synchronous output stop in logic low state eliminates output runt pulses
• High-impedance output control
• 3.3 V or 2.5 V power supply
• Drives up to 24 series terminated clock lines
• Ambient temperature range -40°C to +85°C
• 32-Lead LQFP packaging, Pb-free
• Supports clock distribution in networking, telecommunication and computing
applications
• Pin and function compatible to MPC948
• For drop in replacement part use 83948AYI-147




Similar Part No. - MPC9448

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9448D MOTOROLA-MPC9448D Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results


Similar Description - MPC9448

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
Cypress Semiconductor
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com