Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9449 Datasheet (PDF) - Renesas Technology Corp

MPC9449 Datasheet PDF - Renesas Technology Corp
Part # MPC9449
Download  MPC9449 Download
File Size   583.59 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer

MPC9449 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9449 Datasheet PDF - Renesas Technology Corp

Part # MPC9449
Download  MPC9449 Click to download

File Size   583.59 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer

MPC9449 Datasheet (HTML) - Renesas Technology Corp


MPC9449 Product details

The MPC9449 is a 3.3 V or 2.5 V compatible, 1:15 clock fanout buffer targeted
for high performance clock tree applications. With output frequencies up to
200 MHz and output skews less than 200 ps the device meets the needs of the
most demanding clock applications.
Features
• 15 LVCMOS compatible clock outputs
• Two selectable LVCMOS and one differential LVPECL compatible clock
inputs
• Selectable output frequency divider (divide-by-one and divide-by-two)
• Maximum clock frequency of 200 MHz
• Maximum clock skew of 200 ps
• High-impedance output control
• 3.3 V or 2.5 V power supply
• Drives up to 30 series terminated clock lines
• Ambient temperature range –40C to +85C
• 52-lead LQFP packaging, Pb-free
• Supports clock distribution in networking, telecommunication and computing
applications
• Pin and function compatible to MPC949
• For functional replacement use 8T49N285A




Similar Part No. - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9449 MOTOROLA-MPC9449 Datasheet
293Kb / 12P
3.3V / 2.5 V 1:15 PECL/LVCMOS
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
More results


Similar Description - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9449 MOTOROLA-MPC9449 Datasheet
293Kb / 12P
3.3V / 2.5 V 1:15 PECL/LVCMOS
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com