Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9449 Datasheet (PDF) - Motorola, Inc

MPC9449 Datasheet PDF - Motorola, Inc
Part # MPC9449
Download  MPC9449 Download
File Size   293.63 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V / 2.5 V 1:15 PECL/LVCMOS

MPC9449 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9449 Datasheet PDF - Motorola, Inc

Part # MPC9449
Download  MPC9449 Click to download

File Size   293.63 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V / 2.5 V 1:15 PECL/LVCMOS

MPC9449 Datasheet (HTML) - Motorola, Inc


MPC9449 Product details

The MPC9449 is a 3.3V or 2.5V compatible, 1:15 clock fanout buffer targeted for high performance clock tree applications. With output frequencies up to 200 MHz and output skews less than 200 ps the device meets the needs of the most demanding clock applications.

Features
• 15 LVCMOS compatible clock outputs
• Two selectable LVCMOS and one differential LVPECL compatible clock inputs
• Selectable output frequency divider (divide-by-one and divide-by-two)
• Maximum clock frequency of 200 MHz
• Maximum clock skew of 200 ps
• High-impedance output control
• 3.3V or 2.5V power supply
• Drives up to 30 series terminated clock lines
• Ambient temperature range –40°C to +85°C
• 52 lead LQFP packaging
• Supports clock distribution in networking, telecommunication and
   computing applications
• Pin and function compatible to MPC949




Similar Part No. - MPC9449

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results


Similar Description - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com