Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9449 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9449
Description  3.3V / 2.5 V 1:15 PECL/LVCMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9449 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9449 Datasheet HTML 1Page - Motorola, Inc MPC9449 Datasheet HTML 2Page - Motorola, Inc MPC9449 Datasheet HTML 3Page - Motorola, Inc MPC9449 Datasheet HTML 4Page - Motorola, Inc MPC9449 Datasheet HTML 5Page - Motorola, Inc MPC9449 Datasheet HTML 6Page - Motorola, Inc MPC9449 Datasheet HTML 7Page - Motorola, Inc MPC9449 Datasheet HTML 8Page - Motorola, Inc MPC9449 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9449
MOTOROLA
2
Figure 1. MPC9449 Logic Diagram
Figure 2. MPC9449 52–Lead Package Pinout (Top View)
NC
VCC
QB2
GND
QB1
VCC
QB0
GND
GND
QA1
VCC
QA0
GND
NC
VCC
QD4
GND
QD3
VCC
QD2
GND
QD1
VCC
QD0
GND
NC
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
123
456789
10 11 12 13
39 38 37 36 35 34 33 32 31 30 29 28 27
26
MPC9449
÷2
÷1
VCC
VCC
CCLK0
CCLK1
PCLK
PCLK
PCLK_SEL
QA0
DSELB
DSELC
MR/OE
DSELD
DSELA
QA1
QB0
QB1
QB2
QC0
QC1
QC2
QC3
QD0
QD1
QD2
QD3
QD4
QD5
CCLK_SEL
0
1
0
1
0
1
0
1
0
1
0
1
Table 1: FUNCTION TABLE
Control
Default
0
1
PCLK_SEL
0
LVCMOS clock input selected (CCLK0 or CCLK1)
PCLK differential input selected
CCLK_SEL
0
CCLK0 selected
CCLK1 selected
DSELA, DSELB,
DSELC, DSELD
0 0
0 0
÷1
÷2
MR/OE
1
Outputs enabled
Outputs disabled (high impedance)
Table 2: PIN CONFIGURATION
Pin
I/O
Type
Function
PCLK, PCLK
Input
LVPECL
Differential LVPECL clock input
CCLK0, CCLK1
Input
LVCMOS
LVCMOS clock inputs
PCLK_SEL
Input
LVCMOS
LVPECL clock input select
CCLK_SEL
Input
LVCMOS
LVCMOS clock input select
DSELA, DSELB, DSELC, DSELD
Input
LVCMOS
Clock divider selection
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate)
QA0-1, QB0-2, QC0-3, QD0-5
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to
the positive power supply for correct operation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com