Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9448 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9448
Description  3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9448 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9448 Datasheet HTML 1Page - Renesas Technology Corp MPC9448 Datasheet HTML 2Page - Renesas Technology Corp MPC9448 Datasheet HTML 3Page - Renesas Technology Corp MPC9448 Datasheet HTML 4Page - Renesas Technology Corp MPC9448 Datasheet HTML 5Page - Renesas Technology Corp MPC9448 Datasheet HTML 6Page - Renesas Technology Corp MPC9448 Datasheet HTML 7Page - Renesas Technology Corp MPC9448 Datasheet HTML 8Page - Renesas Technology Corp MPC9448 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout
Buffer
MPC9448
MPC9448 Rev 7 3/15/16
1
©2016 Integrated Device Technology, Inc.
The Freescale Semiconductor, Inc. MPC9448 is a 3.3 V or 2.5 V compatible,
1:12 clock fanout buffer targeted for high performance clock tree applications.
With output frequencies up to 350 MHz and output skews less than 150 ps, the
device meets the needs of most demanding clock applications.
Features
•
12 LVCMOS compatible clock outputs
•
Selectable LVCMOS and differential LVPECL compatible clock inputs
•
Maximum clock frequency of 350 MHz
•
Maximum clock skew of 150 ps
•
Synchronous output stop in logic low state eliminates output runt pulses
•
High-impedance output control
•
3.3 V or 2.5 V power supply
•
Drives up to 24 series terminated clock lines
•
Ambient temperature range -40°C to +85°C
•
32-Lead LQFP packaging, Pb-free
•
Supports clock distribution in networking, telecommunication and computing
applications
•
Pin and function compatible to MPC948
•
For drop in replacement part use 83948AYI-147
Functional Description
The MPC9448 is specifically designed to distribute LVCMOS compatible clock
signals up to a frequency of 350 MHz. Each output provides a precise copy of the
input signal with a near zero skew. The outputs buffers support driving of 50
 terminated transmission lines on the incident edge.
Each output is capable of driving either one parallel terminated or two series terminated transmission lines.
Two selectable, independent clock inputs are available, providing support of LVCMOS and differential LVPECL clock distribu-
tion systems. The MPC9448 CLK_STOP control is synchronous to the falling edge of the input clock. It allows the start and stop
of the output clock signal only in a logic low state, thus eliminating potential output runt pulses. Applying the OE control will force
the outputs into high-impedance mode.
All inputs have an internal pull-up or pull-down resistor preventing unused and open inputs from floating. The device supports
a 2.5 V or 3.3 V power supply and an ambient temperature range of -40°C to +85°C. The MPC9448 is pin and function compatible
but performance-enhanced to the MPC948.
LOW VOLTAGE
3.3 V/2.5 V LVCMOS 1:12
CLOCK FANOUT BUFFER
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9448

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9448D MOTOROLA-MPC9448D Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results

Similar Description - MPC9448

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
Cypress Semiconductor
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com