Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1E5 Datasheet (PDF) - Pan Jit International Inc.

1E5 Datasheet PDF - Pan Jit International Inc.
Part # 1E5
Download  1E5 Download
File Size   57.38 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)

1E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1E5 Datasheet PDF - Pan Jit International Inc.

Part # 1E5
Download  1E5 Click to download

File Size   57.38 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)

1E5 Datasheet (HTML) - Pan Jit International Inc.


1E5 Product details

VOLTAGE 50 to 800 Volts CURRENT 1.0 Ampere

FEATURES
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Exceeds environmental standards of MIL-S-19500/228.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: Molded plastic, R-1.
• Terminals: Axial leads, solderable to MIL-STD-750, Method 2026
• Polarity: Color Band denotes cathode end.
• Mounting Position: Any
• Weight: 0.0068 ounce, 0.1937 gram




Similar Part No. - 1E5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E5 PANJIT-1E5 Datasheet
43Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1E5 BILIN-1E5 Datasheet
71Kb / 2P
ULTRA FAST RECTIFIER
logo
Pan Jit International I...
1E5 PANJIT-1E5 Datasheet
51Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1E5 LRC-1E5 Datasheet
219Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Diode Semiconductor Kor...
1E5 DSK-1E5 Datasheet
316Kb / 2P
SUPER FAST RECTIFIERS
More results


Similar Description - 1E5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
1N4933G DAESAN-1N4933G Datasheet
321Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SF11 DAESAN-SF11 Datasheet
230Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SM4933 DAESAN-SM4933 Datasheet
293Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com