Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER1A Datasheet (PDF) - Pan Jit International Inc.

ER1A Datasheet PDF - Pan Jit International Inc.
Part # ER1A
Download  ER1A Download
File Size   63.4 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)

ER1A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1A Datasheet PDF - Pan Jit International Inc.

Part # ER1A
Download  ER1A Click to download

File Size   63.4 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)

ER1A Datasheet (HTML) - Pan Jit International Inc.


ER1A Product details

VOLTAGE 50 to 600 Volt CURRENT 1 Ampere

FEATURES
• For surface mounted applications in order to optimize board space
• Easy pick and place
• Superfast recovery times for high efficiency.
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• Glass passivated junction
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounces, 0.092 grams




Similar Part No. - ER1A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results


Similar Description - ER1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
ES1A SURGE-ES1A Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
EK5A YEASHIN-EK5A Datasheet
447Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
ER1A YEASHIN-ER1A Datasheet
43Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com