Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3A Datasheet (PDF) - Yea Shin Technology Co., Ltd

ER3A Datasheet PDF - Yea Shin Technology Co., Ltd
Part # ER3A
Download  ER3A Download
File Size   786.62 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere

ER3A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER3A Datasheet PDF - Yea Shin Technology Co., Ltd

Part # ER3A
Download  ER3A Click to download

File Size   786.62 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere

ER3A Datasheet (HTML) - Yea Shin Technology Co., Ltd


ER3A Product details

VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere

FEATURES
• For surface mounted applications
• High temperature metallurgically bonded-no compression
   contacts as found in other diode-constructed rectifiers
• Glass passivated junction
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• Complete device submersible temperature of 260°C for 10
   seconds in solder bath
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
   environment substance directive request




Similar Part No. - ER3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3A PANJIT-ER3A Datasheet
50Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
ER3A SURGE-ER3A Datasheet
86Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Transys Electronics
ER3A TRSYS-ER3A Datasheet
158Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ER3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
ER3A SURGE-ER3A Datasheet
86Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
EK5A YEASHIN-EK5A Datasheet
447Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
ER1A YEASHIN-ER1A Datasheet
43Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com