Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER1A Datasheet (PDF) - Won-Top Electronics

ER1A Datasheet PDF - Won-Top Electronics
Part # ER1A
Download  ER1A Download
File Size   51.78 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT SUPER FAST RECTIFIER

ER1A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1A Datasheet PDF - Won-Top Electronics

Part # ER1A
Download  ER1A Click to download

File Size   51.78 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT SUPER FAST RECTIFIER

ER1A Datasheet (HTML) - Won-Top Electronics


ER1A Product details

Features

• Glass Passivated Die Construction

• Ideally Suited for Automatic Assembly

• Low Forward Voltage Drop, High Efficiency

• Surge Overload Rating to 30A Peak

• Low Power Loss

• Super-Fast Recovery Time

• Plastic Case Material has UL Flammability

   Classification Rating 94V-O

 



 




Similar Part No. - ER1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results


Similar Description - ER1A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ES1A WTE-ES1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com