Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER1A Datasheet (PDF) - Micro Commercial Components

ER1A Datasheet PDF - Micro Commercial Components
Part # ER1A
Download  ER1A Download
File Size   631.84 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts

ER1A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1A Datasheet PDF - Micro Commercial Components

Part # ER1A
Download  ER1A Click to download

File Size   631.84 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts

ER1A Datasheet (HTML) - Micro Commercial Components


ER1A Product details

Features
• Easy Pick And Place
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Ultrafast Recovery Times For High Efficiency
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1






Similar Part No. - ER1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotec Semiconductor
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results


Similar Description - ER1A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ES1A MCC-ES1A Datasheet
363Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR1A MCC-FR1A Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR105 PFS-MUR105 Datasheet
215Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1A MCC-FS1A_11 Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Jin Yu Semicon...
ES1A HTSEMI-ES1A Datasheet
436Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com