Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12N60M2 Datasheet (PDF) - STMicroelectronics

STD12N60M2 Datasheet PDF - STMicroelectronics
Part # STD12N60M2
Download  STD12N60M2 Download
File Size   590.55 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package

STD12N60M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD12N60M2 Datasheet PDF - STMicroelectronics

Part # STD12N60M2
Download  STD12N60M2 Click to download

File Size   590.55 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package

STD12N60M2 Datasheet (HTML) - STMicroelectronics


STD12N60M2 Product details

Features

• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• 100% avalanche tested
• Zener-protected

Applications

• Switching applications

Description

This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.




Similar Part No. - STD12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12N60M6 STMICROELECTRONICS-STD12N60M6 Datasheet
1,008Kb / 15P
N-channel 600 V, 390 mΩ typ., 9 A, MDmesh M6 Power MOSFET in a DPAK package
01-Apr-2020
More results


Similar Description - STD12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
12-Apr-2016
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh™M2 Power MOSFET in an I²PAKFP package
22-May-2015
STD15N50M2AG STMICROELECTRONICS-STD15N50M2AG Datasheet
793Kb / 16P
Automotive-grade N-channel 500 V, 0.336 Ω typ., 10 A MDmesh™ M2 Power MOSFET in a DPAK package
07-May-2016
STD5NM50AG STMICROELECTRONICS-STD5NM50AG Datasheet
626Kb / 16P
Automotive-grade N-channel 500 V, 0.7 Ω typ., 7.5 A, MDmesh Power MOSFET in a DPAK package
09-Apr-2019
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STD16N60M6 STMICROELECTRONICS-STD16N60M6 Datasheet
339Kb / 15P
N-channel 600 V, 0.260 Ω typ., 12 A MDmesh M6 Power MOSFET in a DPAK package
08-May-2020
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com