Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW20N60M2-EP Datasheet (PDF) - STMicroelectronics

STW20N60M2-EP Datasheet PDF - STMicroelectronics
Part # STW20N60M2-EP
Download  STW20N60M2-EP Download
File Size   275.09 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package

STW20N60M2-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
STW20N60M2-EP Datasheet PDF - STMicroelectronics

Part # STW20N60M2-EP
Download  STW20N60M2-EP Click to download

File Size   275.09 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package

STW20N60M2-EP Datasheet (HTML) - STMicroelectronics


STW20N60M2-EP Product details

Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• Very low turn-off switching losses
• 100% avalanche tested
• Zener-protected

Applications
• Switching applications
• Tailored for very high frequency converters (f > 150 kHz)

Description
This device is an N-channel Power MOSFET developed using MDmesh™
M2 enhanced performance (EP) technology. Thanks to its strip layout and an
improved vertical structure, the device exhibits low on-resistance, optimized switching
characteristics with very low turn-off switching losses, rendering it suitable for the
most demanding very high frequency converters.




Similar Part No. - STW20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20N65M5 STMICROELECTRONICS-STW20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
01-Feb-2013
STW20N65M5 STMICROELECTRONICS-STW20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STW20N65M5 ISC-STW20N65M5 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STW25N60M2-EP STMICROELECTRONICS-STW25N60M2-EP Datasheet
274Kb / 14P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
May 2018 Rev 3
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
04-Jun-2018
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com