Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF11N60M2-EP Datasheet (PDF) - STMicroelectronics

STF11N60M2-EP Datasheet PDF - STMicroelectronics
Part # STF11N60M2-EP
Download  STF11N60M2-EP Download
File Size   305.39 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package

STF11N60M2-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
STF11N60M2-EP Datasheet PDF - STMicroelectronics

Part # STF11N60M2-EP
Download  STF11N60M2-EP Click to download

File Size   305.39 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package

STF11N60M2-EP Datasheet (HTML) - STMicroelectronics


STF11N60M2-EP Product details

Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• Very low turn-off switching losses
• 100% avalanche tested
• Zener-protected

Description
This device is an N-channel Power MOSFET developed using MDmesh™
M2 enhanced performance (EP) technology. Thanks to its strip layout and an
improved vertical structure, the device exhibits low on-resistance, optimized switching
characteristics with very low turn-off switching losses, rendering it suitable for the
most demanding very high frequency converters.

Applications
• Switching applications




Similar Part No. - STF11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
More results


Similar Description - STF11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
12-Apr-2016
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
N-channel 600 V, 0.340 Ω typ., 11 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com