Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20N60M2-EP Datasheet (PDF) - STMicroelectronics

STF20N60M2-EP Datasheet PDF - STMicroelectronics
Part # STF20N60M2-EP
Download  STF20N60M2-EP Download
File Size   288.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package

STF20N60M2-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
STF20N60M2-EP Datasheet PDF - STMicroelectronics

Part # STF20N60M2-EP
Download  STF20N60M2-EP Click to download

File Size   288.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package

STF20N60M2-EP Datasheet (HTML) - STMicroelectronics


STF20N60M2-EP Product details

Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• Very low turn-off switching losses
• 100% avalanche tested
• Zener-protected

Description
This device is an N-channel Power MOSFET developed using MDmesh™
M2 enhanced performance (EP) technology. Thanks to its strip layout and an
improved vertical structure, the device exhibits low on-resistance, optimized switching
characteristics with very low turn-off switching losses, rendering it suitable for the
most demanding very high frequency converters.

Applications
• Switching applications
• Tailored for very high frequency converters (f > 150 kHz)




Similar Part No. - STF20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STF20N65M5 ISC-STF20N65M5 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
More results


Similar Description - STF20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
04-Jun-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com