Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC518512PL Datasheet (PDF) - Toshiba Semiconductor

TC518512PL Datasheet PDF - Toshiba Semiconductor
Part # TC518512PL
Download  TC518512PL Download
File Size   441.14 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518512PL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518512PL Datasheet PDF - Toshiba Semiconductor

Part # TC518512PL
Download  TC518512PL Click to download

File Size   441.14 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518512PL Datasheet (HTML) - Toshiba Semiconductor


TC518512PL Product details

Description
The TC518512PL is a 4M bit high speed CMOS pseudo static RAM organized as 524,288 words by 8 bits. The TC518512PL utilizes
a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power storage. The
TC518512PL operates from a single 5V power supply. Refreshing is supported by a refresh (OE/RFSH) input which enables two
types of refreshing - auto refresh and self refresh. The TC518512PL features a static RAM-like interface with a write cycle in which
the input data is written into the memory cell at the rising edge of R/W thus simplifying the microprocessor interface.
The TC518512PL is available in a 32-pin, 0.6 inch width plastic DIP, a small outline plastic flat package, and a thin small outline
package (forward type, reverse type).

Features
• Organization: 524,288 words x 8 bits
• Single 5V power supply
• Fast access time
ICEA CE Access Time
toEA
OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current
TC518512PL Family
-80
80ns
30ns
130ns
-70
70ns
30ns
115ns
385mW
330mW
200μA
• Self refresh is supported by an internal timer
• Inputs and outputs TTL compatible
• Refresh: 2048 refresh cycles/32ms
• Package
- TC518512PL: DIP32-P-600
- TC518512FL: SOP32-P-525
- TC518512FTL: TSOP32-P-400
TC518512TRL: TSOP32-P-400A
-10
100ns
40ns
• Auto refresh is supported by an internal refresh address
counter
160ns
275mW




Similar Part No. - TC518512PL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518512PL TOSHIBA-TC518512PL Datasheet
320Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL TOSHIBA-TC518512PL Datasheet
300Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL TOSHIBA-TC518512PL Datasheet
561Kb / 11P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-10DR TOSHIBA-TC518512PL-10DR Datasheet
320Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-10LT TOSHIBA-TC518512PL-10LT Datasheet
300Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518512PL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70DR TOSHIBA-TC518512PL-70DR Datasheet
320Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LT TOSHIBA-TC518512PL-70LT Datasheet
300Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com