Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534000P Datasheet (PDF) - Toshiba Semiconductor

TC534000P Datasheet PDF - Toshiba Semiconductor
Part # TC534000P
Download  TC534000P Download
File Size   170.98 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS

TC534000P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC534000P Datasheet PDF - Toshiba Semiconductor

Part # TC534000P
Download  TC534000P Click to download

File Size   170.98 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS

TC534000P Datasheet (HTML) - Toshiba Semiconductor


TC534000P Product details

DESCRIPTION
The TC534000P is a 4,194,304 bits read only memory
organized as 524,288 words by 8 bits with a low bit cost,
thus being suitable for use in program memory of micro-
processor, and data memory, especially character genera-
tor. The TC534000P using CMOS technology is most
suitable for low power applications where battery opera-
tions are required.
The TC534000P has one programmable chip enable
input CE/CE for device selection.
The TC534000P is moulded in a 32 pin standard
plastic package, 0.6 inch in width.

FEATURES
• Single 5V Power Supply
• Access Time: 250ns (Max.)
Power Dissipation
Operating Current: 30mA (Max.)
Standby Current: 20μA (Max.)
All inputs and Outputs: TTL Compatible
Three State Outputs
32 pin 600 mil width Plastic DIP
Fully Static Operation
Programmable Chip Enable




Similar Part No. - TC534000P

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC534 TELCOM-TC534 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Microchip Technology
TC534 MICROCHIP-TC534 Datasheet
527Kb / 22P
5V Precision Data Acquisition Subsystems
2002
logo
TelCom Semiconductor, I...
TC534CKW TELCOM-TC534CKW Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Microchip Technology
TC534CKW MICROCHIP-TC534CKW Datasheet
527Kb / 22P
5V Precision Data Acquisition Subsystems
2002
logo
TelCom Semiconductor, I...
TC534CPL TELCOM-TC534CPL Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
More results


Similar Description - TC534000P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
CMOS 512Kx8-Bit Mask ROM
January 20, 2000
logo
Macronix International
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
4M-BIT [512K x8] CMOS OTP ROM
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
4M-BIT [256K x 16] CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
CMOS 64Kx8-Bit Mask ROM
August 30, 2002
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
512K x 8 bit CMOS Mask Programmable ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Toshiba Semiconductor
TC531000AP TOSHIBA-TC531000AP Datasheet
186Kb / 4P
1M BIT (128K WORD X8 BIT) CMOS MASK ROM SILICON GATE CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com